PART |
Description |
Maker |
14-56-8052 14-56-8122 14-56-8112 14-56-8142 |
CGrid SL IDT Opt G 30 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 12Ckt CGrid SL IDT Opt G 30 SAu 11CKT CGrid SL IDT Opt G 30 SAu 14CKT
|
Molex, Inc. MOLEX INC
|
14-45-0222 14-45-0212 14-45-0207 |
SL IDT Opt D Male 22AWG Tin 22Ckt 22 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG Tin 12Ckt SL IDT Opt D Male 22AWG Tin 7Ckt
|
Molex, Inc. MOLEX INC
|
15-47-4240 15-47-4130 15-47-4174 15-47-4050 15-38- |
SL FFC/FPC Opt A Female 15 SAu 24Ckt 24 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 30 SAu 17Ckt 17 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 5Ckt SL FFC/FPC Opt A Female Tin 13Ckt
|
Molex, Inc. MOLEX INC
|
14-56-3123 14-56-3203 14-56-3143 |
CGrid SL IDT Opt G 30 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 20CKT 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 14CKT
|
Molex, Inc. MOLEX INC
|
15-80-0407 15-80-0409 |
CGrid VT Shrd Hdr Opt B Tin 40Ckt CGrid VT Shrd Hdr Opt B 15 SAu 40Ckt
|
MOLEX INC
|
ZL60214BADA ZL60214 |
Video IP Surveillance 10/100 Mbps Control Room 14-Port UTP-to-Fiber Converter
|
Zarlink Semiconductor Inc
|
70107-0055 70107-0054 70107-0057 |
SL WtW Conn SR W/MtgE Opt B 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR SL WtW Conn SR W/MtgE Opt B 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR SL WtW Conn SR W/MtgE Opt B 23Ckt 23 CONTACT(S), MALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
5217670010 |
OPT COUPLER
|
Meder Electronic
|
C4880-80 C4880-80-12A C4880-80-14A C4880-80-22A C4 |
12-bit idigital CCD camera. For faint light observation under a microscope, continuous imaging of high-speed moving objects, kinetic changes in light intensity 10-bit idigital CCD camera. For faint light observation under a microscope, continuous imaging of high-speed moving objects, kinetic changes in light intensity Fast scan multi format Cooled CCD Camera Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:22; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
14-56-4131 14-56-4201 |
CGrid SL IDT Opt D 30 SAu 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 30 SAu 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
SN8P0447Q SN8P0403S SN8P0404K SN8P0406P SN8P0434S |
OPT ROM:4096 16bits / RAM:128 8bits OPT ROM:4096 16bits , RAM:128 8bits
|
SONIX[SONiX Technology Company]
|
BTRS-7860C-SPG BTRS-7860CG |
1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver (3W-TRXTM for Video-Overlay) 1310纳米德克萨斯 1490纳米收发.3 / 1250 Mbps的符合RoHS单光纤收发器3W - TRXTM的视频覆盖)
|
Optoway Technology Inc. Optoway Technology, Inc.
|